PART |
Description |
Maker |
AEB106M2CJ32T-F AEB106M2EK32T-F AEB106M2VP44T-F AE |
Low Impedance and Long Life for High Voltage, High Ripple Current Applications
|
Cornell Dubilier Electr...
|
L1136L-XX-AF5-R L113611 |
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
|
Unisonic Technologies
|
GL35-00 GL35-01 GL35-02 GL35-04 GL35-06 GL35-08 GL |
Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 120uF; Voltage: 6.3V; Case Size: 6.3x7 mm; Packaging: Bulk 在行高硅桥式整流器电流(电压- 5000伏特电流- 155安培 IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes) 在行高硅桥式整流器电流(电压- 5000伏特电流- 1535安培 IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes) 在行高硅桥式整流器电流(电压- 5000伏特电流- 155安培 Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 22uF; Voltage: 6.3V; Case Size: 5x11 mm; Packaging: Bulk Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 68uF; Voltage: 6.3V; Case Size: 4x11 mm; Packaging: Bulk Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 56uF; Voltage: 6.3V; Case Size: 5x7 mm; Packaging: Bulk XTAL CER SMT 6X3.5 2PAD Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 1200uF; Voltage: 6.3V; Case Size: 8x20 mm; Packaging: Bulk LED Panel Indicator; LED Color:Yellow; Luminous Intensity:40foot lambert; Forward Current:8.5mA; Forward Voltage:125V; Operating Temperature Range:-25 C to 85 C; Color:Yellow; Leaded Process Compatible:No RoHS Compliant: No
|
Transys Electronics, Ltd. Transys Electronics Ltd. TRSYS
|
2SK246 |
N CHANNEL JUNCTION TYPE (FOR CONSTANT CURRENT/ IMPEDANCE CONVERTER AND DC-AC HIGH INPUT IMPEDANCE AMPLIFIER CIRCUIT APPLICATIONS)
|
Toshiba Semiconductor
|
ST |
SuperTan? Wet Tantalum Capacitors with Hermetic Seal, FEATURES: Very High Capacitance, 10 to 1800μF, 25 to 125VDC, -55°C to 125°C, Very Low ESR and High Ripple Current
|
Vishay
|
DVJL10006.3-LF DVJL1006.3-LF DVJL22010-LF DVJL2206 |
SURFACE MOUNT SMD - 105C LOW IMPEDANCE DVJL SMD - 105°C LOW IMPEDANCE SMD - 105°C LOW IMPEDANCE
|
Dubilier
|
476KBM025M |
Radial Lead High Frequency / Low Impedance
|
Illinois Capacitor, Inc...
|
476KBM100MGU |
Radial Lead High Frequency / Low Impedance
|
Illinois Capacitor, Inc...
|
476KFM200MFDG |
Radial Lead High Frequency / Low Impedance
|
Illinois Capacitor, Inc...
|
128KXM010M |
Radial Lead High Frequency / Low Impedance
|
Illinois Capacitor, Inc...
|
RJH-10V562MJ7 |
105°C Use, High-Reliability, Low Impedance Capacitors
|
List of Unclassifed Manufacturers
|